PART |
Description |
Maker |
MAX268 MAX264ACPI MAX264BCPI MAX267BCNG MAX263ACWI |
Pin Programmable Universal and Bandpass Filters FILTER|AP/BP/HP/LP/NOTCH|CMOS|DIP|28PIN|PLASTIC Monostable multivibrator with Schmitt-trigger inputs 14-PDIP 0 to 70 Quad 2-input Positive-NOR gates 14-PDIP 0 to 70 Pin Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, CDIP24 Pin Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, PDSO24 Pin Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, PDIP24 Pin Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, UNIVERSAL, PDSO28
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. 模拟滤波 MAXIM INTEGRATED PRODUCTS INC
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
PALCE16V8H-10JC_4 PALCE16V8H-10JI_4 PALCE16V8H-10P |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
|
LATTICE[Lattice Semiconductor]
|
PLV16V8-10 |
Zero Power 20-pin ee CMOS Universal Programmable Array Logic
|
Lattice Semiconductor
|
PALCE16V8 P16V8 |
EE CMOS (Zero-Power) 20-Pin Universal Programmable Array Logic From old datasheet system
|
Lattice
|
MAX267AENG MAX267BCWG-T MAX267BCNG MAX268ACNG MAX2 |
Pin-Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, PDIP24 Pin-Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, BANDPASS, PDSO24 Pin-Programmable Universal and Bandpass Filters DUAL SWITCHED CAPACITOR FILTER, PIN PROGRAMMABLE, UNIVERSAL, PDSO28 Pin Programmable Universal and Bandpass Filters Pin Programmable Universal and Bandpass Filters
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
CMPP6027 CMPP6028 CMPP6027TR CMPP6027BK CMPP6027RL |
PROGRAMMABLE UJT SOT-23, 3 PIN SURFACE MOUNT PROGRAMMABLE UNIJUNCTION SILICON TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PAL20L4-7DC PAL20L4-7JC PAL20L4-7PC PAL20L6-7DC PA |
24-pin TTL Programmable Array Logic 24针的TTL可编程阵列逻辑 24-pin TTL Programmable Array Logic OT PLD, 25 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 35 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 25 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, PQCC28 24-pin TTL Programmable Array Logic OT PLD, 10 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 18 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 15 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 35 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
IR2121 |
Single Low Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package
|
International Rectifier
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
|